d v e electrical schematic unit: inch mm xxxx n l e i n l f d n l o a l f ig . b cu st o m er t ra ns fo rm er p ri m ar ie s 12 0v 12 0v f ig . a n g n e i l l f g d n o a l l 1. designed to meet globally accepted iec publication 320 class 1, that allows users to comply with industry standard in power entry requirement. o 2. connector for cold condition, with pin temperature 70 c max. 3. nickel-plated brass pins and soldering terminals.4. screw-on mount from front or rear (with screw type-m3). 5. fuse holder designed for one fuse and one spare fuse (both 5x20mm fuses). safety interlock prevents fuse removal with line plug inserted. 6. adapts to 1 10v or 240v input voltage simply by reversing the voltage selector.7. all part numbers are ul recognized, csa certified except for SK-015A which is ul listed. sk-1000 are demko, approved. sk-1017 is ul, csa approved. sk-1008 ul, csa, vde, ccc approved. sk-1007a ul, csa approved. sk-1007a is patented for new construction (r.o.c. patent no. 54606). SK-015A is ul, csa, vde, somko, ccc. approved 1. rated voltage: 250vac 2. minimum insulation resistance at 500vdc: 10m ohm3. dielectric strength (one minute): 2000vac between pins 4. flammability class: ul 94v-0 s k - 0 1 5 a m o u n t in g c u t o u t (f r o n t m o u n t in g ) 1 .0 8 m a x . 2 7 .5 m a x . 0 . 1 2 1 . 1 2 m a x . 2 8 . 5 m a x . 3 . 0 3 . 0 0 . 1 2 0 . 8 8 2 2 . 3 1 .5 7 5 4 0 .0 1 .1 9 3 0 .3 1 .9 7 m a x . 5 0 .0 m a x . r 0 .2 4 (4 x ) + 0 . 0 4 + 1 . 0 0 .1 3 (2 x ) 3 .3 (2 x ) - 1 2 . 0 0 . 5 - 0 . 4 7 0 . 0 2 r 6 .0 (4 x ) t h d . m 3 3 .5 0 .1 4 2 0 .0 m a x . 0 .7 9 m a x . 4 0 .0 0 .1 1 .5 7 5 0 .0 0 4 r 0 .1 5 7 m a x .( 4 x ) r 4 .0 m a x .( 4 x ) 9-1 + 0 + 0 - 1 1 7 . 0 - 0 . 6 7 0 . 0 4 + 0 . 0 2 + 0 . 5 - 1 5 . 0 0 - 0 . 5 9 0 + 0 . 0 0 8 + 0 . 2 - 2 0 . 0 0 0 . 7 9 - 0 + 0 .0 0 8 + 0 .2 - 2 7 .50 - 1 .0 80 screw mounting specifications type & rated current semko volt age selector fuse holder connector type (at 250v ac) rated current female male vde ul/csa delt a part number _ semko/nemko/seti/demko 10a/250vac _ sev/semko/nemko/demko 10a/250vac sk-1017/sk-1000 1. SK-015A rating remarks: 4. "s" for single fuse holder 3. voltage selector card ra ting _ ul/csa/vde 10a/250vac is a retained design 2. sk-1017 fuse holder single fuse holder on sk-1017 electrical schematic vde ccc csa ul - - - 10a 15a SK-015A sk-1000 fig. a s *4 - 10a 15a front *3 s *4 fig. b sk-1007a 10a 10a s *2 fig. a - 10a 15a sk-1017 type & rated current mechanical construction introductions electrical schematic p o w e r e n t r y m o d u l e s
s k - 1 0 0 0 s k - 1 0 1 7 s k - 1 0 0 7 a 1 .7 7 m a x . 4 5 .0 m a x . 3 6 . 0 m a x . 1 . 4 2 m a x . 3 6 .0 1 .4 1 7 1 . 2 6 3 2 . 0 2 8 .0 1 .1 0 6 .0 ( 3 x ) 0 .2 3 6 ( 3 x ) 2 9 .5 m a x . 1 .1 6 m a x . 0 .0 8 2 .0 0 .1 2 3 .0 2 8 .0 m a x . 1 .1 0 m a x . 3 0 . 0 3 5 . 0 m a x . 1 . 1 8 1 . 3 8 m a x . 2 7 .0 1 .0 6 3 1 .4 1 7 3 6 .0 4 5 .0 m a x . 1 .7 7 m a x . 0 .1 2 .5 0 .1 2 .5 0 . 2 0 6 7 . 0 2 8 .5 m a x . 1 .1 2 2 m a x . 0 .2 7 6 ( 2 x ) 7 .0 ( 2 x ) 1 .0 8 m a x . 2 7 .5 m a x . 3 1 . 5 m a x . 1 . 2 4 m a x . 4 5 .0 m a x . 2 8 .0 1 .1 0 1 .7 7 m a x . 1 .4 1 7 3 6 .0 t d h .m 3 2 7 . 5 1 . 0 8 1 . 2 2 3 4 . 0 m a x . 3 1 . 0 1 . 3 4 m a x . unit: inch mm 9-2 m o u n t in g c u t o u t (f r o n t m o u n t in g ) - 0. 940 - 24 .00 + 0. 02 + 0. 5 r 0. 08 (4 x ) r 2. 0( 4x ) r 0. 08 (4 x ) r 2. 0( 4x ) 3. 3( 2x ) 0. 13 (2 x ) r 0. 1m a x .( 4x ) r 2. 5m a x .( 4x ) 3. 5( 2x ) 0. 13 8( 2x ) - 1. 08 30 - 27 .50 + 0. 00 8 + 0. 2 36 .0 0. 1 1. 41 7 0 .0 04 - 1 . 2 4 0 - 3 1 . 5 0 + 0 . 0 0 8 + 0 . 2 r 0. 08 (4 x ) r 2. 0( 4x ) 3. 3( 2x ) 0. 13 (2 x ) t d h .m 3 m o u n t in g c u t o u t (f r o n t m o u n t in g ) r 0. 1 18 m a x .( 4x ) r 3. 0m a x .( 4x ) 3. 5( 2x ) 0. 13 8( 2x ) - 1. 08 30 - 27 .50 + 0. 00 8 + 0. 2 36 .0 0. 1 1. 41 7 0 .0 04 - 1 . 2 0 - 3 0 . 5 0 + 0 . 0 0 8 + 0 . 2 r 0. 08 (4 x ) r 2. 0( 4x ) 3. 3( 2x ) 0. 13 (2 x ) mechanical construction p o w e r e n t r y m o d u l e s
|